データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THC63LVDR84C データシート(PDF) 2 Page - THine Electronics, Inc.

部品番号 THC63LVDR84C
部品情報  24bit Color LVDS Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINE [THine Electronics, Inc.]
ホームページ  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C データシート(HTML) 2 Page - THine Electronics, Inc.

  THC63LVDR84C_16 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
2
THine Electronics, Inc.
Security E
Pin Diagram
1
56
2
55
3
54
4
53
5
52
6
51
7
50
8
49
9
48
10
47
11
46
12
45
13
44
14
43
15
42
16
41
17
40
18
39
19
38
20
37
21
36
22
35
23
34
24
33
25
32
26
31
27
30
28
29
RC3
RD6
RC4
GND
RC5
RC6
RD0
LVDS GND
RA-
RA+
RB-
RB+
LVDS VCC
LVDS GND
RC-
RC+
RCLK-
RCLK+
RD-
RD+
LVDS GND
PLL GND
PLL VCC
PLL GND
/PDWN
CLKOUT
RA0
GND
VCC
RC2
RC1
RC0
GND
RB6
RD5
RD4
VCC
RB5
RB4
RB3
GND
RB2
RD3
RD2
VCC
RB1
RB0
RA6
GND
RA5
RD1
RA4
RA3
VCC
RA2
RA1
Figure 2. Pin Diagram
Pin Description
Pin Name
Pin #
Direction
Type
Description
RA+, RA-
10, 9
Input
LVDS
LVDS Data Inputs
RB+, RB-
12, 11
RC+, RC-
16, 15
RD+, RD-
20, 19
RCLK+,
RCLK-
18, 17
LVDS Clock Inputs
RA0 ~ RA6
27, 29, 30, 32, 33, 35, 37
Output
LVCMOS
Pixel Data Outputs
RB0 ~ RB6
38, 39, 43, 45, 46, 47, 51
RC0 ~ RC6
53, 54, 55, 1, 3, 5, 6
RD0 ~ RD6
7, 34, 41, 42, 49, 50, 2
CLKOUT
26
Pixel Clock Output
/PDWN
25
Input
H : Normal Operation
L : Power Down (All outputs are pulled to
ground)
VCC
31, 40, 48, 56
-
Power
Power Supply Pins for LVCMOS outputs
and digital circuitry
GND
4, 28, 36, 44, 52
Ground Pins for LVCMOS outputs and
digital circuitry
LVDS VCC
13
Power Supply Pins for LVDS inputs
LVDS GND
8, 14, 21
Ground Pins for LVDS inputs
PLL VCC
23
Power Supply Pins for PLL circuitry
PLL GND
22, 24
Ground Pins for PLL circuitry
Table 1. Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15