| データシートサーチシステム |
|
THC63LVDR84C データシート(PDF) 2 Page - THine Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
THC63LVDR84C データシート(HTML) 2 Page - THine Electronics, Inc. |
|
2 / 15 page ![]() THC63LVDR84C_Rev.1.20_E Copyright©2016 THine Electronics, Inc. 2 THine Electronics, Inc. Security E Pin Diagram 1 56 2 55 3 54 4 53 5 52 6 51 7 50 8 49 9 48 10 47 11 46 12 45 13 44 14 43 15 42 16 41 17 40 18 39 19 38 20 37 21 36 22 35 23 34 24 33 25 32 26 31 27 30 28 29 RC3 RD6 RC4 GND RC5 RC6 RD0 LVDS GND RA- RA+ RB- RB+ LVDS VCC LVDS GND RC- RC+ RCLK- RCLK+ RD- RD+ LVDS GND PLL GND PLL VCC PLL GND /PDWN CLKOUT RA0 GND VCC RC2 RC1 RC0 GND RB6 RD5 RD4 VCC RB5 RB4 RB3 GND RB2 RD3 RD2 VCC RB1 RB0 RA6 GND RA5 RD1 RA4 RA3 VCC RA2 RA1 Figure 2. Pin Diagram Pin Description Pin Name Pin # Direction Type Description RA+, RA- 10, 9 Input LVDS LVDS Data Inputs RB+, RB- 12, 11 RC+, RC- 16, 15 RD+, RD- 20, 19 RCLK+, RCLK- 18, 17 LVDS Clock Inputs RA0 ~ RA6 27, 29, 30, 32, 33, 35, 37 Output LVCMOS Pixel Data Outputs RB0 ~ RB6 38, 39, 43, 45, 46, 47, 51 RC0 ~ RC6 53, 54, 55, 1, 3, 5, 6 RD0 ~ RD6 7, 34, 41, 42, 49, 50, 2 CLKOUT 26 Pixel Clock Output /PDWN 25 Input H : Normal Operation L : Power Down (All outputs are pulled to ground) VCC 31, 40, 48, 56 - Power Power Supply Pins for LVCMOS outputs and digital circuitry GND 4, 28, 36, 44, 52 Ground Pins for LVCMOS outputs and digital circuitry LVDS VCC 13 Power Supply Pins for LVDS inputs LVDS GND 8, 14, 21 Ground Pins for LVDS inputs PLL VCC 23 Power Supply Pins for PLL circuitry PLL GND 22, 24 Ground Pins for PLL circuitry Table 1. Pin Description |