データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZX75LP-158 データシート(PDF) 2 Page - Mini-Circuits

部品番号 ZX75LP-158
部品情報  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-158 データシート(HTML) 2 Page - Mini-Circuits

  ZX75LP-158 Datasheet HTML 1Page - Mini-Circuits ZX75LP-158 Datasheet HTML 2Page - Mini-Circuits ZX75LP-158 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75LP-158+
Applications
• Satellite
• Wireless communications
• Receivers / Transmitters
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
ZX75LP-158+
EDR10355U
URJ/NY
161230
Features
• High rejection
• Low Insertion loss
• Fast roll-off
• Good VSWR
• Connectorized package
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 158 MHz
ZX75LP-158+
INSERTION LOSS (Full band)
0
10
20
30
40
50
60
70
80
90
0
500
1000
1500
2000
FREQUENCY (MHz)
0.0
0.4
0.8
1.2
0
53
105
158
ZX75LP-158+
VSWR
1
10
100
1000
0
500
1000
1500
2000
FREQUENCY (MHz)
1.0
1.1
1.2
0
53
105
158
ZX75LP-158+
INSERTION LOSS (Passband)
0
10
20
30
40
50
60
70
80
0
100
200
300
FREQUENCY (MHz)
ZX75LP-158+
GROUP DELAY
4
5
6
7
8
9
10
11
0
53
105
158
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-158
—
1.2
3.0
dB
Freq. Cut-Off
F2
170
—
3.0
—
dB
VSWR
DC-F1
DC-158
—
1.2
1.6
:1
Stop Band
Rejection Loss
F3-F4
220-1000
20
30
—
dB
VSWR
F3-F4
220-1000
—
33
—
:1
Low Pass Filter
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.09
1.02
1
4.52
20
0.18
1.07
10
4.35
50
0.28
1.05
22
4.29
72
0.36
1.07
32
4.37
100
0.52
1.17
42
4.40
132
0.72
1.05
52
4.49
144
0.86
1.01
64
4.64
158
1.24
1.22
74
4.78
160
1.36
1.31
84
4.94
170
2.85
2.43
94
5.14
180
6.76
6.03
100
5.30
190
12.57
13.09
106
5.49
200
18.72
21.46
118
5.96
220
30.58
34.75
128
6.49
300
60.97
78.97
138
7.22
400
67.93
124.09
140
7.40
500
70.05
133.63
144
7.82
600
69.72
124.09
148
8.32
800
75.74
82.73
150
8.62
1000
80.20
56.04
158
10.46
F1 F2
FREQUENCY (MHz)
F3
F4
DC
R F IN
R F OUT
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: KE1467
Connectors Model
SMA-M\F
ZX75LP-158-S+



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com