| データシートサーチシステム |
|
USB375X データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB375X データシート(HTML) 17 Page - Microchip Technology |
|
17 / 31 page ![]() 2011 - 2014 Microchip Technology Inc. DS00001824A-page 17 USB375x 4.3 USB Mux (USB3750 Only) The USB mux is designed to pass High Speed USB signals to the USB connector, and allows for two USB inputs to be multiplexed into one USB output. Either switch path is enabled through the I2C interface, and the switch paths are dis- abled in the event of UVLO or OVLO. The USB Mux is designed to pass USB signals from 0 to 3.3V. It is not designed to pass signals that go above 3.3V or below ground. FIGURE 4-6: CHARGER DETECTION FLOW CHART (USB3751-2) Start Chrg Detection ChrgDetComplete = 0 Drive DP VDAT_SRC for TVDPSRC_ON VDAT Detect? DCP Detected Exit Chrg Detection ChrgDetComplete = 1 =1 Any UVLO or OVLO Exit Chrg Detection SE1 Low Current Charger Wait TVDPSRC_HICRNT SE1? =1 Release and wait TCD_SE1 =0 CDP Detected SE1 High Current Charger RxHiCurr? =1 =0 SDP Detected UVLO < VBUS < OVLO Start TVLO_RELEASE Enable IDP_SRC and RPD_DM Enable OVP Switch =0 Clear Charger Detection Register Wait for DP Low or TDCD_TOUT Disable IDP_SRC and RPD_DM =1 VDAT Detect? Drive DM VDAT_SRC for TVDPSRC_ON =0 =1 |