| データシートサーチシステム |
|
LTM9003 データシート(PDF) 21 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM9003 データシート(HTML) 21 Page - Linear Technology |
|
21 / 28 page ![]() 21 215812fa LTC2158-12 For more information www.linear.com/LTC2158-12 REGISTER A3: OUTPUT MODE REGISTER (ADDRESS 03h) D7 D6 D5 D4 D3 D2 D1 D0 X X X ILVDS2 ILVDS1 ILVDS0 TERMON OUTOFF Bits 7-5 Unused Bit Bits 4-2 ILVDS2:ILVDS0 LVDS Output Current Bits 000 = 3.5mA LVDS Output Driver Current 001 = 4.0mA LVDS Output Driver Current 010 = 4.5mA LVDS Output Driver Current 011 = Not Used 100 = 3.0mA LVDS Output Driver Current 101 = 2.5mA LVDS Output Driver Current 110 = 2.1mA LVDS Output Driver Current 111 = 1.75mA LVDS Output Driver Current Bit 1 TERMON LVDS Internal Termination Bit 0 = Internal Termination Off 1 = Internal Termination On. LVDS output driver current is 2× the current set by ILVDS2:ILVDS0 Bit 0 OUTOFF Digital Output Mode Control Bits 0 = Digital Outputs Are Enabled 1 = Digital Outputs Are Disabled (High Impedance) REGISTER A4: DATA FORMAT REGISTER (ADDRESS 04h) D7 D6 D5 D4 D3 D2 D1 D0 OUTTEST2 OUTTEST1 OUTTEST0 ABP 0 DTESTON RAND TWOSCOMP Bits 7-5 OUTTEST2:OUTTEST0 Digital Output Test Pattern Bits 000 = All Digital Outputs = 0 001 = All Digital Outputs = 1 010 = Alternating Output Pattern. OF, D11-D0 alternate between 0 0000 0000 0000 and 1 1111 1111 1111 100 = Checkerboard Output Pattern. OF, D11-D0 alternate between 1 0101 0101 0101 and 0 1010 1010 1010 Note 1: Other bit combinations are not used. Note 2: Patterns from channel A and channel B may not be synchronous. Bit 4 ABP Alternate Bit Polarity Mode Control Bit 0 = Alternate Bit Polarity Mode Off 1 = Alternate Bit Polarity Mode On Bit 3 Must Be Set to 0 Bit 2 DTESTON Enable the digital output test patterns (set by Bits 7-5) 0 = Normal Mode 1 = Enable the Digital Output Test Patterns Bit 1 RAND Data Output Randomizer Mode Control Bit 0 = Data Output Randomizer Mode Off 1 = Data Output Randomizer Mode On Bit 0 TWOSCOMP Two’s Complement Mode Control Bit 0 = Offset Binary Data Format 1 = Two’s Complement Data Format APPLICATIONS INFORMATION |