データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6230 データシート(PDF) 10 Page - Linear Technology

部品番号 LT6230
部品情報  14-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT6230 データシート(HTML) 10 Page - Linear Technology

Back Button LT6230 Datasheet HTML 6Page - Linear Technology LT6230 Datasheet HTML 7Page - Linear Technology LT6230 Datasheet HTML 8Page - Linear Technology LT6230 Datasheet HTML 9Page - Linear Technology LT6230 Datasheet HTML 10Page - Linear Technology LT6230 Datasheet HTML 11Page - Linear Technology LT6230 Datasheet HTML 12Page - Linear Technology LT6230 Datasheet HTML 13Page - Linear Technology LT6230 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC2312-14
10
231214fa
For more information www.linear.com/LTC2312-14
APPLICATIONS INFORMATION
Overview
The LTC2312-14 is a low noise, high speed, 14-bit succes-
sive approximation register (SAR) ADC. The LTC2312-14
operates from a single 3V or 5V supply and provides a low
drift (20ppm/°C maximum), internal reference and refer-
ence buffer. The internal reference buffer is automatically
configured with a 2.048V span in low supply range (2.7V
to 3.6V) and with a 4.096V span in the high supply range
(4.75V to 5.25V). The LTC2312-14 samples at a 500ksps
rate and supports a 20MHz serial data read clock. The
LTC2312-14 achieves excellent dynamic performance
(77dB SINAD, 85dB THD) while dissipating only 15mW
from a 5V supply up to the 500ksps conversion rate. The
LTC2312-14 outputs the conversion data with no cycle
latency onto the SDO pin. The SDO pin output logic lev-
els are supplied by the dedicated OVDD supply pin which
has a wide supply range (1.71V to 5.25V) allowing the
LTC2312-14 to communicate with 1.8V, 2.5V, 3V or 5V
systems. The LTC2312-14 automatically switches to nap
modefollowingtheconversionprocesstosavepower.The
device also provides a sleep power-down mode through
serial interface control to reduce power dissipation during
long inactive periods.
Serial Interface
The LTC2312-14 communicates with microcontrollers,
DSPs and other external circuitry via a 3-wire interface.
A rising CONV edge starts the conversion process which
is timed via an internal oscillator. Following the conver-
sion process the device automatically switches to nap
mode to save power as shown in Figure 7. This feature
saves considerable power for the LTC2312-14 operating
at lower sampling rates. As shown in Figures 5 and 6, it
is recommended to hold SCK static low or high during
tCONV. Note that CONV must be held high for the entire
minimum conversion time (tCONV). A falling CONV edge
enables SDO and outputs the MSB. Subsequent SCK
falling edges clock out the remaining data as shown in
Figures 5 and 6. Data is serially output MSB first through
LSB last, followed by trailing zeros if further SCK falling
edges are applied.
Serial Data Output (SDO)
The SDO output is always forced into the high imped-
ance state while CONV is high. The falling edge of CONV
enables SDO and also places the sample and hold into
sample mode. The A/D conversion result is shifted out
on the SDO pin as a serial data stream with the MSB first.
The MSB is output on SDO on the falling edge of CONV.
Delay t3 is the data valid access time for the MSB. The
following 13 bits of conversion data are shifted out on
SDO on the falling edge of SCK. Delay t4 is the data valid
access time for output data shifted out on the falling edge
of SCK. There is no data latency. Subsequent falling SCK
edges applied after the LSB is output will output zeros
indefinitely on the SDO pin.
The output swing on the SDO pin is controlled by the
OVDD pin voltage and supports a wide operating range
from 1.71V to 5.25V independent of the VDD pin voltage.
Power Considerations
The LTC2312-14 provides two sets of power supply pins:
theanalog powersupply(VDD)andthedigitalinput/output
interface power supply (OVDD). The flexible OVDD supply
allows the LTC2312-14 to communicate with any digital
logic operating between 1.8V and 5V, including 2.5V and
3.3V systems.
Entering Nap/Sleep Mode
Pulsing CONV two times and holding SCK static places the
LTC2312-14 into nap mode. Pulsing CONV four times and
holding SCK static places the LTC2312-14 into sleep mode.
In sleep mode, all bias circuitry is shut down, including the
internal bandgap and reference buffer, and only leakage
currents remain (0.2µA typical). Because the reference
buffer is externally bypassed with a large capacitor (2.2µF),
the LTC2312-14 requires a significant wait time (1.1ms) to
recharge this capacitance before an accurate conversion
can be made. In contrast, nap mode does not power down
the internal bandgap or reference buffer allowing for a fast
wake-upandaccurateconversionwithinoneconversionclock
cycle. Supply current during nap mode is nominally 2mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22