データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6236 データシート(PDF) 41 Page - Linear Technology

部品番号 LT6236
部品情報  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT6236 データシート(HTML) 41 Page - Linear Technology

Back Button LT6236 Datasheet HTML 37Page - Linear Technology LT6236 Datasheet HTML 38Page - Linear Technology LT6236 Datasheet HTML 39Page - Linear Technology LT6236 Datasheet HTML 40Page - Linear Technology LT6236 Datasheet HTML 41Page - Linear Technology LT6236 Datasheet HTML 42Page - Linear Technology LT6236 Datasheet HTML 43Page - Linear Technology LT6236 Datasheet HTML 44Page - Linear Technology LT6236 Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
LTC2372-16
41
237216f
For more information www.linear.com/LTC2372-16
TiMing DiagraMs
Figure 29. RESET Pin Timing
boarD layouT
To obtain the best performance from the LTC2372-16
a printed circuit board is recommended. Layout for the
printed circuit board (PCB) should ensure the digital and
analog signal lines are separated as much as possible.
In particular, care should be taken not to run any digital
clocks or signals alongside analog signals or underneath
the ADC.
Recommended Layout
ThefollowingisanexampleofarecommendedPCBlayout.
A single solid ground plane is used. Bypass capacitors to
the supplies are placed as close as possible to the supply
pins. Low impedance common returns for these bypass
capacitors are essential to the low noise operation of the
ADC. The analog input traces are screened by ground.
For more details and information refer to DC2071, the
evaluation kit for the LTC2372-16.
237216 F29
RESET
CNV
SDO
tRESETH
tACQ
Hi-Z
RESET Timing
When the RESET pin is high, the LTC2372-16 is reset and
the serial I/O data bus is put into a high impedance mode,
as shown in Figure 29. The serial data output register and
sequencer memory are also cleared and set to their default
states. If this occurs during a conversion, the conversion
is immediately halted. During reset, requests for new
conversions are ignored. Once RESET returns low, the
LTC2372-16 is ready to start a new conversion after the
acquisition time has been met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50