データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC6255 データシート(PDF) 8 Page - Linear Technology

部品番号 LTC6255
部品情報  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC6255 データシート(HTML) 8 Page - Linear Technology

Back Button LTC6255 Datasheet HTML 4Page - Linear Technology LTC6255 Datasheet HTML 5Page - Linear Technology LTC6255 Datasheet HTML 6Page - Linear Technology LTC6255 Datasheet HTML 7Page - Linear Technology LTC6255 Datasheet HTML 8Page - Linear Technology LTC6255 Datasheet HTML 9Page - Linear Technology LTC6255 Datasheet HTML 10Page - Linear Technology LTC6255 Datasheet HTML 11Page - Linear Technology LTC6255 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6258/LTC6259/LTC6260
8
6258960fa
For more information www.linear.com/LTC6258
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
vs Temperature Per Channel
Output Saturation Voltage
vs Load Current
Output Saturation Voltage
vs Load Current
Output Short-Circuit Current
vs Supply Voltage (Sourcing)
Output Short-Circuit Current
vs Supply Voltage (Sinking)
0.1Hz to 10Hz Output
Voltage Noise
Input Bias Current
vs Supply Voltage
Input Bias Current vs Temperature
Supply Current vs Supply Voltage
per Channel
VCM = 0.4V
+IB (nA)
–IB (nA)
SUPPLY VOLTAGE (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
–10
–8
–6
–4
–2
0
2
4
6
8
10
6258 G10
VS = ±2.5V
+IB, VCM = 2V
–IB, VCM = 2V
+IB, VCM = –2V
–IB, VCM = –2V
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
–20
–15
–10
–5
0
5
10
15
20
6262 G11
VS = 5V
VCM = 0.4V
25°C
–40°C
125°C
SUPPLY VOLTAGE (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
2
4
6
8
10
12
14
16
18
20
6258 G12
VCM = 0.4V
VS = 5V
VS = 1.8V
TEMPERATURE (°C)
–50
–20
10
40
70
100
130
0
5
10
15
20
25
6258 G13
–40°C/5V
25°C/5V
85°C/5V
125°C/5V
–40°C/1.8V
25°C/1.8V
85°C/1.8V
125°C/1.8V
LOAD CURRENT (mA)
0
0.5
1
1.5
2
–350
–300
–250
–200
–150
–100
–50
0
6258 G14
–40°C/5V
25°C/5V
85°C/5V
125°C/5V
–40°C/1.8V
25°C/1.8V
85°C/1.8V
125°C/1.8V
LOAD CURRENT (mA)
0
0.5
1
1.5
2
0
50
100
150
200
250
300
350
6258 G15
VCM = 0.4V
25°C
125°C
–40°C
SUPPLY VOLTAGE (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0
5
10
15
20
25
6258 G16
VCM = 0.4V
SUPPLY VOLTAGE (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0
5
10
15
20
25
30
6259 G17
25°C
125°C
–40°C
VS = ±2.5V
VCM = 0.4V
AV = 1
TIME (s)
0
1
2
3
4
5
6
7
8
9 10
–5
–4
–3
–2
–1
0
1
2
3
4
5
6258 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com