| データシートサーチシステム |
|
TO-252 データシート(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TO-252 データシート(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 6 page ![]() CM1085 3.0 AMP POSITIVE VOLTAGE REGULATOR 2003/05/14 Preliminary Rev. 0.2 Champion Microelectronic Corporation Page 6 IMPORTANT NOTICE Champion Microelectronic Corporation (CMC) reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. CMC integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. Use of CMC products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer’s applications, the customer should provide adequate design and operating safeguards. HsinChu Headquarter Sales & Marketing 5F, No. 11, Park Avenue II, Science-Based Industrial Park, HsinChu City, Taiwan 11F, No. 306-3, SEC. 1, Ta Tung Road, Hsichih, Taipei Hsien 221, Taiwan T E L : +886-3-567 9979 T E L : +886-2-8692 1591 F A X : +886-3-567 9909 F A X : +886-2-8692 1596 |