データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EVQ6523-R-00A データシート(PDF) 1 Page - Monolithic Power Systems

部品番号 EVQ6523-R-00A
部品情報  0.9A, 28V Three half-bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVQ6523-R-00A データシート(HTML) 1 Page - Monolithic Power Systems

  EVQ6523-R-00A Datasheet HTML 1Page - Monolithic Power Systems EVQ6523-R-00A Datasheet HTML 2Page - Monolithic Power Systems EVQ6523-R-00A Datasheet HTML 3Page - Monolithic Power Systems EVQ6523-R-00A Datasheet HTML 4Page - Monolithic Power Systems EVQ6523-R-00A Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EVQ6523-R-00A
0.9A, 28V
Three half-bridge Motor Driver
Evaluation Board
EVQ6523-R-00A Rev. 1.0
www.MonolithicPower.com
1
12/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MPQ6523 is a triple half-bridge DMOS
output driver with integrated power MOSFETs.
It can drive up to three different loads. The input
voltage ranges from 7V to 28V, with the up to
0.9A output current capability.
The three half-bridges of MPQ6523 can be
controlled separately from a standard serial
data interface, and have various diagnostic
functions. It has very low quiescent current in
standby
mode
make
a
wide
range
of
applications possible.
Fully protection includes short-circuit protection,
under-voltage protection and thermal shutdown.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
7
– 28
V
Maximum
Output
Current
IOUT-L
0.9
A
FEATURES
 Wide 7V to 28V Operating Input Range
 Up to 0.9A Output Current for Each Channel
 Total Max Current 2.4A (all outputs combined)
 Rdson (HS + LS) Typically 1.1Ω at 25°C,
Maximum 2
Ω at 150°C
 Very Low Quiescent Current I
VS
< 6
μA in
Standby Mode Versus Total Temperature
Range
 Serial Data Interface
 Short-Circuit Protection
 Under-Voltage Protection
APPLICATIONS
 Drive various loads in automotive and
industrial applications
 DC Motors
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EVQ6523-R-00A EVALUATION BOARD
(L x W x H) 3.73
” x 2.74” x 0.4”
(9.33cm x 6.85cm x 1cm)
Board Number
MPS IC Number
EVQ6523-R-00A
MPQ6523


同様の部品番号 - EVQ6523-R-00A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
More results

同様の説明 - EVQ6523-R-00A

メーカー部品番号データシート部品情報
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
HALF BRIDGE DRIVER Evaluation Board
EV6R11 IXYS-EV6R11 Datasheet
780Kb / 7P
IX6R11 HALF BRIDGE DRIVER Evaluation Board
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
Dual Half Bridge Motor Driver
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
EV6515-F-00A MPS-EV6515-F-00A Datasheet
508Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600_V01 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results


Html Pages

1 2 3 4 5