| データシートサーチシステム |
|
AS3956 データシート(PDF) 46 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3956 データシート(HTML) 46 Page - ams AG |
|
46 / 109 page ![]() Page 46 ams Datasheet Document Feedback [v1-10] 2018-Apr-27 AS3956 − Detailed Description Data Transaction in Tunneling Mode Figure 45 shows an example of how communication in Tunneling mode should be implemented. Figure 45: Read First, then Acknowledge ACK and NACK responses can be replaced by data, in case of an incoming READ command. Relevant Registers, Interrupts and Commands Registers: • Buffer Status Register 1 and Buffer Status Register 2 (data length and error type) Interrupts: • Rx start (I_rxs bit in Interrupt Register 1) • Rx end, Tx end (resp. I_rxe and I_txe bits in Interrupt Register 0) • CRC, parity and framing interrupt (resp. I_crc_err, I_par_ err and I_frm_err bits in Interrupt Register 1) • Buffer error (I_bf_err in Interrupt Register 1) • SPI / I²C buffer access error (I_acc_err in Interrupt Register 1) Commands: • Transmit ACK • Transmit NACK 0-5 • Transmit Buffer • Go To Sense • Go To Sleep • Go To Sense / Sleep PCD AS3956 DATA RX ACK / NACK MCU DATA RD O UT CMD ACK / NACK DA TA TX Rx start Rx end, crc or parity error, bu er error Tx end |