| データシートサーチシステム |
|
TLE4307 データシート(PDF) 2 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4307 データシート(HTML) 2 Page - Infineon Technologies AG |
|
2 / 10 page ![]() TLE 4307 Data Sheet Rev. 1.1 2 2000-10-11 Figure 1 Pin Configuration (top view) Pin Definitions and Functions Pin No. Symbol Function 1I Input; Connect to the input voltage source 2C Charge-Pump Output; Connect to the energy reservoir capacitor to GND 3GND Ground 4SL Slewrate Control Input; a capacitor from this pin to the Input pin I controls the slewrate during recirculation 5Q Regulator Output; connect to GND with a capacitor as specified for C Q AEP02792 GND I CSL Q P-TO252-5-1 (D-PAK) |