| データシートサーチシステム |
|
MP2636 データシート(PDF) 40 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP2636 データシート(HTML) 40 Page - Monolithic Power Systems |
|
40 / 40 page ![]() MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. MP2636 Rev.1.01 www.MonolithicPower.com 40 5/1/2018 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2018 MPS. All Rights Reserved. PACKAGE INFORMATION QFN-30 (4mmx4mm) SIDE VIEW BOTTOM VIEW NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH. 3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETERS MAX. 4) DRAWING CONFORMS TO JEDEC MO-220. 5) DRAWING IS NOT TO SCALE. PIN 1 ID MARKING TOP VIEW PIN 1 ID INDEX AREA RECOMMENDED LAND PATTERN PIN 1 ID 0.20x45° TYP. 0.20x45° |