| データシートサーチシステム |
|
AMD8513 データシート(PDF) 41 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
AMD8513 データシート(HTML) 41 Page - Infineon Technologies AG |
|
41 / 88 page ![]() Data Sheet 41 Rev. 1.21, 2005-12-05 ADM8513 Data Sheet Registers Description Pause Timer Receive Packet Number Based Flow Control PT Offset Reset Value Pause Timer 18H 00H Field Bits Type Description PT 7:0 rw Pause Timer The [11:4] of pause time in the PAUSE frame. RPNBFC Offset Reset Value Receive Packet Number Based Flow Control 1AH 00H Field Bits Type Description PN 6:1 rw Packet Number This field specifies the threshold for transmitting the PAUSE frame. As the received packet number is more than or equal to this field, the PAUSE frame is sent automatically by HW. FCP 0 rw Flow Control Packet 1B RPN, Enables pause frame transmission based on received packet number |