| データシートサーチシステム |
|
TLE9255WLC データシート(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9255WLC データシート(HTML) 18 Page - Infineon Technologies AG |
|
18 / 100 page ![]() Data Sheet 18 Rev. 1.02 2018-02-02 TLE9255W Modes of Operation Figure 10 shows the internal behavior of the TLE9255W in case the microcontroller sends a change to Sleep Mode SPI command. Figure 10 Internal behavior of the TLE9255W after receiving a change to Sleep Mode SPI command Change into the Sleep Mode by a SPI Command Is WUP pending Enter Selective Wake Sub-Mode Is WUF pending Is Local Wake up pending Enter Sleep WUP Sub-Mode Enter Stand-by Mode Is Local Wake up pending Is Selective Wake enabled No Yes Yes Yes No No No No |