| データシートサーチシステム |
|
SC8521 データシート(PDF) 8 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC8521 データシート(HTML) 8 Page - Silan Microelectronics Joint-stock |
|
8 / 16 page ![]() Silan Semiconductors SC8521 HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD REV: 1.3 2002.03.01 8 BANK 0 LSB BANK 1 LSB BANK 2 LSB BANK 3 LSB BANK 4 LSB BANK 5 LSB BANK 6 LSB BANK 0 MSB BANK 1 MSB BANK 2 MSB BANK 3 MSB BANK 4 MSB BANK 5 MSB BANK 6 MSB BANK 7 MSB BANK 7 LSB BS2 BS1 BS0 KN5 KN4 KN3 KN2 KN1 KN0 M7H M6H M5H M4H M3H M2H M1H M0H M7L M6L M5L M4L M3L M2L M1L M0L ROM 1Kx8 address ROM schematic diagram SYSTEM DEVELOPMENT 1. Software (SC8521) A PC program is provided that enables the user to fill in system and command codes for each keys number in each bank. This program converts the input data into a ROM code-file needed to produce the metal mask and to program an EPROM to be used in the hardware emulator. 2. Hardware An emulator is available that functionally emulates the IC. An EPROM with the ROM code information is inserted into the emulator to produce the required remote control codes corresponding to the keys in the prototype device. |