| データシートサーチシステム |
|
MP2617HGL データシート(PDF) 28 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP2617HGL データシート(HTML) 28 Page - Monolithic Power Systems |
|
28 / 31 page ![]() MP2617H – SINGLE-CELL SWITCHING CHARGER WITH NVDC POWER PATH MP2617H Rev. 1.03 www.MonolithicPower.com 28 1/15/2018 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2018 MPS. All Rights Reserved. PCB Layout Guidelines Efficient PCB layout is critical for specified noise, efficiency, and stability requirements. For best performance, follow the guidelines below. 1) Route the power stage adjacent to its ground. 2) Minimize the high-side switching node (SW, inductor) trace lengths in the high-current paths and the current sense resistor trace. 3) Keep the switching node short and away from all small control signals, especially the feedback network. 4) Place the input capacitor as close to IN and PGND as possible. 5) Place the output inductor close to the IC. 6) Connect the output capacitor between the inductor and PGND of the IC. 7) Connect the balls for the power pads (IN, SW, SYS, BATT, and PGND) to as much copper on the board as possible for high- current applications. This improves thermal performance because the board conducts heat away from the IC. 8) Connect the PCB ground planes directly to the return of all components through vias. 9) Place vias inside the PGND pads for the IC if possible. A star ground design approach is used to keep circuit block currents isolated (high-power/low- power small signal), which reduces noise- coupling and ground-bounce issues. A single ground plane with a small layout produces no ground bounce issues, and segregating the components minimizes coupling between signals. |