データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP6517 データシート(PDF) 11 Page - Monolithic Power Systems

部品番号 MP6517
部品情報  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 データシート(HTML) 11 Page - Monolithic Power Systems

Back Button MP6517 Datasheet HTML 7Page - Monolithic Power Systems MP6517 Datasheet HTML 8Page - Monolithic Power Systems MP6517 Datasheet HTML 9Page - Monolithic Power Systems MP6517 Datasheet HTML 10Page - Monolithic Power Systems MP6517 Datasheet HTML 11Page - Monolithic Power Systems MP6517 Datasheet HTML 12Page - Monolithic Power Systems MP6517 Datasheet HTML 13Page - Monolithic Power Systems MP6517 Datasheet HTML 14Page - Monolithic Power Systems MP6517 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
11
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
REGISTER MAPPING
Add
Type
D7
D6
D5
D4
D3
D2
D1
D0
00H
OTP/REG
PWMO[7:0]
01H-08H
OTP/REG
PWMO[7:0]
09H
OTP/REG
PROG[1:0]
PCODE[5:0]
0AH
OTP/REG
FGRD[1:0]
RPMS[2:0]
SUCL[2:0]
0BH
OTP/REG
FG
TM
HLL_CALI
SON_12P5[4:0]
0CH
OTP/REG
SON_100[4:0]
0DH
OTP/REG
SOFTEN
RD_HL
SOFF_12P5[4:0]
0EH
OTP/REG
SOFF_100[4:0]
0FH
OTP/REG
PLLEN
RLOCK_SEL[1:0]
THETA_E[3:0]
10H
REG
Reserved
FM
Reserved
11H-13H
REG
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19