| データシートサーチシステム |
|
AS72651 データシート(PDF) 2 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS72651 データシート(HTML) 2 Page - ams AG |
|
2 / 66 page ![]() Page 2 ams Datasheet Document Feedback [v1-03] 2017-Oct-17 AS72651 − General Description Applications The AS72651 applications include: • Product/Brand authentication • Anti-counterfeiting • Portable spectroscopy • Product safety/adulteration detection • Horticultural and specialty lighting • Material analysis • Small, robust package, with built-in aperture • 20-pin LGA package 4.5mm x 4.7mm x 2.5mm -40°C to 85°C temperature range Benefits Features |