| データシートサーチシステム |
|
ISL8225MEVAL4Z データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL8225MEVAL4Z データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 34 page ![]() ISL8225M FN7822 Rev 2.00 Page 4 of 34 December 8, 2014 Ordering Information PART NUMBER (Notes 2, 3) PART MARKING TEMP RANGE (°C) (Note 4) PACKAGE (RoHS Compliant) PKG. DWG. # ISL8225MIRZ ISL8225M -40 to +125 26 Ld QFN L26.17x17 ISL8225MIRZ-T (Note 1) ISL8225M -40 to +125 26 Ld QFN L26.17x17 ISL8225MEVAL2Z 6 Phase 90A Evaluation Board ISL8225MEVAL3Z Dual Phase Single Output 30A Evaluation Board ISL8225MEVAL4Z Dual 15A/optional 30A Cascadable Evaluation Board NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil plastic packaged products are RoHS compliant by EU exemption 7C-I and employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3) termination finish which is compatible with both SnPb and Pb-free soldering operations. Intersil RoHS compliant products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8225M. For more information on MSL, please see tech brief TB363 4. The ISL8225M is guaranteed over the full -40°C to +125°C internal junction temperature range. Note that the allowed ambient temperature consistent with these specifications is determined by specific operating conditions, including board layout, cooling scheme and other environmental factors. |