| データシートサーチシステム |
|
STV8226 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8226 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 97 page ![]() 5/97 STV82x6 General Description 1 General Description 1.1 Overview The STV82x6 is composed of three main parts: 1. TV Sound Demodulator: provides all the necessary circuitry for the demodulation of audio transmissions of European and Asian terrestrial TV broadcasts. The various transmission standards are automatically detected and demodulated without user intervention. 2. Audio Processor: based on DSP technology, independently controls loudspeaker, subwoofer and headphone signals. It offers basic and advanced features, such as a ST WideSurround, Equalizer, Automatic Loudness and Smart Volume Control for television viewer comfort. The STV8226/36 versions can perform additionally the SRS ® 3D Surround for stereo and mono signals. 3. Audio Matrix: 3 stereo and 1 mono external analog audio inputs to loudspeakers and headphone, with 2 stereo external analog audio outputs (SCART compatible). Table 1: STV82x6 Version List Feature STV8206 STV8216 STV8226 STV8236 AM-FM Mono XXXX Zweiton XXXX NICAM XX ST WideSurround XXXX SRS ® 3D Surround XX Figure 1: Package Ordering Information SDIP56 Package Order Code: STV82x6D TQFP80 Package Order Code: STV82x6 (Tray) STV82x6T (Tape & Reel) |