| データシートサーチシステム |
|
MP9518 データシート(PDF) 13 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP9518 データシート(HTML) 13 Page - Monolithic Power Systems |
|
13 / 14 page ![]() MP9518 –SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR MP9518 Rev.1.0 www.MonolithicPower.com 13 7/24/2017 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2017 MPS. All Rights Reserved. PACKAGE INFORMATION TSOT23-6-SL PACKAGE OUTLINE DRAWING FOR 6L TSOT23-SL MF-PO-D-0267 revision 1.0 FRONT VIEW NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. 4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX. 5) DRAWING REFERENCE IS JEDEC MO-193. 6) DRAWING IS NOT TO SCALE. TOP VIEW RECOMMENDED LAND PATTERN SIDE VIEW PIN 1 ID |