| データシートサーチシステム |
|
TAS5142DDVR データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5142DDVR データシート(HTML) 2 Page - Texas Instruments |
|
2 / 26 page ![]() www.ti.com GENERAL INFORMATION Terminal Assignment 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 GVDD_B OTW SD PWM_A RESET_AB PWM_B OC_ADJ GND AGND VREG M3 M2 M1 PWM_C RESET_CD PWM_D VDD GVDD_C GVDD_A BST_A PVDD_A OUT_A GND_A GND_B OUT_B PVDD_B BST_B BST_C PVDD_C OUT_C GND_C GND_D OUT_D PVDD_D BST_D GVDD_D DKD PACKAGE (TOP VIEW) P0018-01 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 GVDD_B OTW NC NC SD PWM_A RESET_AB PWM_B OC_ADJ GND AGND VREG M3 M2 M1 PWM_C RESET_CD PWM_D NC NC VDD GVDD_C DDV PACKAGE (TOP VIEW) GVDD_A BST_A NC PVDD_A PVDD_A OUT_A GND_A GND_B OUT_B PVDD_B BST_B BST_C PVDD_C OUT_C GND_C GND_D OUT_D PVDD_D PVDD_D NC BST_D GVDD_D 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 P0016-02 TAS5142 SLES126B – DECEMBER 2004 – REVISED MAY 2005 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. The TAS5142 is available in two thermally enhanced packages: • 36-pin PSOP3 package (DKD) • 44-pin HTSSOP PowerPad™ package (DDV) Both package types contain a heat slug that is located on the top side of the device for convenient thermal coupling to the heatsink. 2 |