| データシートサーチシステム |
|
TC58FVT641-70 データシート(PDF) 39 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC58FVT641-70 データシート(HTML) 39 Page - Toshiba Semiconductor |
|
39 / 53 page ![]() TC58FVT641/B641FT/XB-70,-10 2002-10-24 39/53 Block Protect 2 BPA: Block Address and ID Read Address (A6, A1, A0) ID Read Address = (0, 1, 0) No No Block Protect 2 Command First Bus Write Cycle (XXXH/60H) Verify Block Protect Start PLSCNT = 25? Protect Another Block? Wait for 100 µs Remove VID from RESET Yes No Yes Set up Address Addr. = BPA PLSCNT = 1 Remove VID from RESET PLSCNT = PLSCNT + 1 Wait for 4 µs RESET = VID Block Protect 2 Command Second Bus Write Cycle (BPA/60H) Block Protect 2 Command Third Bus Write Cycle (XXXH/40H) Yes Data = 01H? Reset Command Block Protect Complete Reset Command Device Failed |