| データシートサーチシステム |
|
FARM1EF2 データシート(PDF) 10 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
FARM1EF2 データシート(HTML) 10 Page - Vicor Corporation |
|
10 / 11 page ![]() FARM™ Rev 6.9 vicorpower.com Page 10 of 11 06/2017 800 927.9474 FARMxxxx Mechanical Drawings Converter Pins No. Function Label 1 Neutral N 2 EMI GND 3 NC 4 Line L 5 –OUT – 6 Enable EN 7 Strap ST 8 BUS OK BOK 9 +OUT + SOLDER MOUNT SOCKET MOUNT OPTIONAL (2X) * * ± 0,08 ± DENOTES TOL= 0.003 * * * * 4 3 12 98 76 5 (9X) PLATED THROUGH HOLE DIA PCB Mounting Specifications 0.400 10,16 0.700 17,78 1.000 25,40 1.400 35,56 1.900 48,26 FULL R (6X) (6X) (REF.) 0.10 2,5 2.000 50,80 1.30 33,0 2.28 57,9 2.20 55,9 0.130 3,30 0.10 2,5 0.49 12,4 0.65 16,5 0.06 1,5 R(3X) ALL MARKINGS THIS SURFACE X 45˚ CHAMFER Use a 4-40 Screw (6X) Torque to: 5 in-lbs 0.57 N-m PINS STYLES SOLDER:TIN / LEAD PLATED MODUMATE: GOLD PLATED COPPER RoHS: GOLD PLATED COPPER ALUMINUM BASEPLATE (2X) 0.01 0.35 8,8 0.20** 5,1 0.12* 3,1 DIA,(7X) 0.150 3,81 (REF) DIA,(2X) 0.080 2,03 4 3 1 98 2 76 5 0.23 5,8 0.400 10,16 1.400 35,56 1.000 25,40 0.700 17,78 2.20 55,9 1.76 44,7 0.54 13,7 0.43 10,9 Pin Style 2&N (Long Pin) 0.62 15,7 Pin Style 1&S (Short Pin) (9X) (9X) ALUMINUM BASEPLATE 0.50 ±0.02 12,7 ±0,5 * Style 1 baseplate only ** Style 2 & 3 baseplates *** Reserved for Vicor accessories Not for mounting Pin center line style 2 & 3 baseplates only (4X)*** 0.300 ±0.015 7,62 ±0,38 0.300 ±0.015 7,62 ±0,38 1.900 48,26 Pin CL CL Slotted Threaded 4-40 UNC-2B (6X) Thru Hole #30 Drill Thru (6X) (0.1285) 0.13 3,3 FULL R (6X) (6X) Pin Style K (Extra Long Pin) 0.71 18,0 (9X) NOTES: 1.MATERIAL: BASE: 6000 SERIES ALUMINUM COVER: LCP, ALUMINUM 3003 H14 PINS: RoHS PINS GOLD PLATE 30 MICRO INCH MIN; NON-RoHS PINS: TIN/LEAD 90/10 BRIGHT 2.DIMENSIONS AND VALUES IN BRACKETS ARE METRIC 3.MANUFACTURING CONTROL IS IN PLACE TO ENSURE THAT THE SPACING BETWEEN THE MODULES LABEL SURFACE TO THE PRINTED CIRCUIT BOARD OF THE APPLICATION RANGES FROM DIRECT CONTACT (ZERO), TO THE MAXIMUM GAP AS CALCULATED FROM THE TOLERANCE STACK-UP AND IS NOT SUBJECT NEGATIVE TOLERANCE ACCUMULATION 0.195 4,95 1.400* 35,56 1.000* 25,40 0.700* 17,78 0.400* 10,16 1.790** 45,47 0.06 1,5 R (4X) 0.158 4,01 5 6 7 8 9 12 34 ± 0.003 ± 0,08 * DENOTES TOL = PCB THICKNESS 0.062 ± 0.010 1,57 ±0,25 SHORT PIN STYLE 0.094 ±0.003 2,39 ±0,08 INBOARD SOLDER MOUNT 0.45 043 0.45 0.45 11,5 0.53 13,5 0.52 13,2 Requires Style 2 (Long) Pin 1.900* 48.26 1.900* 48,26 1.575** 40,00 0.164 ±0.003 4,16 ±0,08 LONG PIN STYLE 0.094 ±0.003 2,39 ±0,08 ONBOARD SOLDER MOUNT 0.164 ±0.003 4,16 ±0,08 SOLDER PIN 0.094 ±0.003 2,39 ±0,08 ONBOARD SOLDER MOUNT 0.164 ±0.003 4,16 ±0,08 PLATED THROUGH HOLE DIA (7X) (2X) SOCKET HEADERS (SURFACE MOUNT) KIT INCLUDES INPUT & OUTPUT P/N 16021 INBOARD SOCKET MOUNT 0.46 11,7 SOCKET 0.183 ±0.003 4,65 ±0,08 ONBOARD SOCKET SURFACE MOUNT 0.56 14,2 SURFACE MOUNT N/A N/A SOCKETS 0.080" DIA. PINS (7X) P/N 13632 (100 pcs.) 0.150" DIA. PINS (2X) P/N 13633 (100 pcs.) P/N 16019 (9 pc. Kit) 0.266 ±0.003 6,76 ±0,08 Sockets and Standoffs are on hold as of 3-3-99 Sockets and Standoffs are staying the same as of 3-3-99 ** PCB WINDOW 0.45 SOLDER MOUNT SOCKET MOUNT OPTIONAL (2X) * * ± 0,08 ± DENOTES TOL= 0.003 * * * * 4 3 12 98 76 5 (9X) PLATED THROUGH HOLE DIA PCB Mounting Specifications 0.400 10,16 0.700 17,78 1.000 25,40 1.400 35,56 1.900 48,26 FULL R (6X) (6X) (REF.) 0.10 2,5 2.000 50,80 1.30 33,0 2.28 57,9 2.20 55,9 0.130 3,30 0.10 2,5 0.49 12,4 0.65 16,5 0.06 1,5 R(3X) ALL MARKINGS THIS SURFACE X 45˚ CHAMFER Use a 4-40 Screw (6X) Torque to: 5 in-lbs 0.57 N-m PINS STYLES SOLDER:TIN / LEAD PLATED MODUMATE: GOLD PLATED COPPER RoHS: GOLD PLATED COPPER ALUMINUM BASEPLATE (2X) 0.01 0.35 8,8 0.20** 5,1 0.12* 3,1 DIA,(7X) 0.150 3,81 (REF) DIA,(2X) 0.080 2,03 4 3 1 98 2 76 5 0.23 5,8 0.400 10,16 1.400 35,56 1.000 25,40 0.700 17,78 2.20 55,9 1.76 44,7 0.54 13,7 0.43 10,9 Pin Style 2&N (Long Pin) 0.62 15,7 Pin Style 1&S (Short Pin) (9X) (9X) ALUMINUM BASEPLATE 0.50 ±0.02 12,7 ±0,5 * Style 1 baseplate only ** Style 2 & 3 baseplates *** Reserved for Vicor accessories Not for mounting Pin center line style 2 & 3 baseplates only (4X)*** 0.300 ±0.015 7,62 ±0,38 0.300 ±0.015 7,62 ±0,38 1.900 48,26 Pin CL CL Slotted Threaded 4-40 UNC-2B (6X) Thru Hole #30 Drill Thru (6X) (0.1285) 0.13 3,3 FULL R (6X) (6X) Pin Style K (Extra Long Pin) 0.71 18,0 (9X) NOTES: 1.MATERIAL: BASE: 6000 SERIES ALUMINUM COVER: LCP, ALUMINUM 3003 H14 PINS: RoHS PINS GOLD PLATE 30 MICRO INCH MIN; NON-RoHS PINS: TIN/LEAD 90/10 BRIGHT 2.DIMENSIONS AND VALUES IN BRACKETS ARE METRIC 3.MANUFACTURING CONTROL IS IN PLACE TO ENSURE THAT THE SPACING BETWEEN THE MODULES LABEL SURFACE TO THE PRINTED CIRCUIT BOARD OF THE APPLICATION RANGES FROM DIRECT CONTACT (ZERO), TO THE MAXIMUM GAP AS CALCULATED FROM THE TOLERANCE STACK-UP AND IS NOT SUBJECT NEGATIVE TOLERANCE ACCUMULATION Consult Vicor Application Note: Soldering methods and procedures for 1st and 2nd Generation modules. PCB Mounting Specifications Module Outline |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |