データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P32 データシート(PDF) 38 Page - STMicroelectronics

部品番号 M25P32
部品情報  32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P32 データシート(HTML) 38 Page - STMicroelectronics

Back Button M25P32 Datasheet HTML 31Page - STMicroelectronics M25P32 Datasheet HTML 32Page - STMicroelectronics M25P32 Datasheet HTML 33Page - STMicroelectronics M25P32 Datasheet HTML 34Page - STMicroelectronics M25P32 Datasheet HTML 35Page - STMicroelectronics M25P32 Datasheet HTML 36Page - STMicroelectronics M25P32 Datasheet HTML 37Page - STMicroelectronics M25P32 Datasheet HTML 38Page - STMicroelectronics M25P32 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
M25P32
38/39
REVISION HISTORY
Table 18. Document Revision History
Date
Rev.
Description of Revision
28-Apr-2003
0.1
Target Specification Document written in brief form
15-May-2003
0.2
Target Specification Document written in full
20-Jun-2003
0.3
8x6 MLP8 and SO16(300 mil) packages added
18-Jul-2003
0.4
tPP, tSE and tBE revised
24-Sep-2003
0.5
SO16 package code changed. Output Timing Reference Voltage changed.
04-Dec-2003
0.6
Table of contents, warning about exposed paddle on MLP8, and Pb-free options added.
Value of tVSL(min) VWI, tPP(typ) and tBE(typ) changed. Change of naming for VDFPN8
package.
10-Dec-2003
1.0
Document promoted to Product Preview
01-Apr-2004
2.0
Document promoted to Preliminary Data. Soldering temperature information clarified for RoHS
compliant devices. Device grade information clarified
05-Aug-2004
3.0
Device grade information further clarified
01-Oct-2004
4.0
Document promoted to mature datasheet. Footnotes removed from P and G options in
Ordering Information table. Minor wording improvements made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39