| データシートサーチシステム |
|
17153C データシート(PDF) 2 Page - Murata Power Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
17153C データシート(HTML) 2 Page - Murata Power Solutions Inc. |
|
2 / 2 page ![]() KMP_1700C_C03 Page 2 of 2 1700 Series Radial Lead Inductors Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. © 2017 Murata Power Solutions, Inc. Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. ISO 9001 and 14001 REGISTERED www.murata-ps.com/support PACKAGE SPECIFICATIONS MECHANICAL DIMENSIONS RECOMMENDED FOOTPRINT DETAILS All dimensions in inches (mm). Package weight 1.3g Typ. 103C 0.256±0.20 All dimensions in inches (mm) |