データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AVES データシート(PDF) 4 Page - Cornell Dubilier Electronics

部品番号 AVES
部品情報  Low Profile SMT Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVES データシート(HTML) 4 Page - Cornell Dubilier Electronics

  AVES Datasheet HTML 1Page - Cornell Dubilier Electronics AVES Datasheet HTML 2Page - Cornell Dubilier Electronics AVES Datasheet HTML 3Page - Cornell Dubilier Electronics AVES Datasheet HTML 4Page - Cornell Dubilier Electronics AVES Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type AVES –55 °C to +105 °C
Low Profile SMT Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Recommended Land Patterns by case size for AVES series
B
A
B
C
Case
Case
Land Dimensions (mm)
Code
Size
C
B
A
B
4x5.3
1.6
2.6
1
C
5x5.3
1.6
3
1.4
D
6.3x5.3
1.6
3.5
1.9
Recommended Soldering Methods
Recommended Reflow Soldering Profile:
Parts should be subjected to just one reflow soldering process.
Soldering with a solder iron should be performed with a maximum soldering iron tip temperature
of 350±5°C for 3 to 4 seconds.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com