| データシートサーチシステム |
|
HIP6004BCV データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HIP6004BCV データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 15 page ![]() HIP6004B FN4567 Rev 3.00 Page 2 of 15 November 9, 2004 Pinouts HIP6004B (SOIC, TSSOP) TOP VIEW HIP6004B (QFN) TOP VIEW 11 12 13 14 15 16 17 18 20 19 10 9 8 7 6 5 4 3 2 1 VSEN OCSET SS VID0 VID1 VID2 VID4 VID3 COMP FB RT VCC LGATE PGND OVP BOOT UGATE PHASE PGOOD GND VID0 VID2 VID3 VID1 VID4 VCC PGND BOOT LGATE UGATE 1 2 3 4 5 678 9 10 15 14 13 12 11 20 19 18 17 16 GND 21 Ordering Information PART NUMBER TEMP. RANGE (°C) PACKAGE PKG. DWG. # HIP6004BCB* 0 to 70 20 Ld SOIC M20.3 HIP6004BCBZ* (See Note) 0 to 70 20 Ld SOIC (Pb-free) M20.3 HIP6004BCV* 0 to 70 20 Ld TSSOP M20.173 HIP6004BCVZ* (See Note) 0 to 70 20 Ld TSSOP (Pb-free) M20.173 HIP6004BCVZA* (See Note) 20 Ld TSSOP Tape and Reel (Pb-free) M20.173 HIP6004BCR* 0 to 70 20 Ld 5x5 QFN L20.5x5 HIP6004BCRZ* (See Note) 0 to 70 20 Ld 5x5 QFN (Pb-free) L20.5x5 *Add “-T” suffix to part number for tape and reel packaging. NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD- 020C. HIP6004B |