データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VPR データシート(PDF) 2 Page - Cornell Dubilier Electronics

部品番号 VPR
部品情報  Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VPR データシート(HTML) 2 Page - Cornell Dubilier Electronics

  VPR Datasheet HTML 1Page - Cornell Dubilier Electronics VPR Datasheet HTML 2Page - Cornell Dubilier Electronics VPR Datasheet HTML 3Page - Cornell Dubilier Electronics VPR Datasheet HTML 4Page - Cornell Dubilier Electronics VPR Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Outline Drawing
Case Code
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type VPR –55 to 105 ºC Radial Leaded Aluminum Electrolytic
Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
Case Code Chart
Uninsulated Case Size
Case Code
Inches
Millimeters
Lead Wire Size
D
L
S
D
L
S
Inches
AWG
L1C
0.875
1.125
0.30
22.2
28.6
7.62
0.04
#18
L1L
0.875
1.625
0.30
22.2
41.3
7.62
0.04
#18
L2C
0.875
2.125
0.30
22.2
53.9
7.62
0.04
#18
L2L
0.875
2.625
0.30
22.2
66.7
7.62
0.04
#18
L3C
0.875
3.125
0.30
22.2
79.4
7.62
0.04
#18
L3L
0.875
3.625
0.30
22.2
92.1
7.62
0.04
#18
N1C
1.000
1.125
0.40
25.4
28.6
10.16
0.04
#18
N1L
1.000
1.625
0.40
25.4
41.3
10.16
0.04
#18
N2C
1.000
2.125
0.40
25.4
53.9
10.16
0.04
#18
N2L
1.000
2.625
0.40
25.4
66.7
10.16
0.04
#18
N3C
1.000
3.125
0.40
25.4
79.4
10.16
0.04
#18
N3L
1.000
3.625
0.40
25.4
92.1
10.16
0.04
#18
.281 Nominal
.375 Nominal



Html Pages

1 2 3 4 5