データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EAST16084BA2 データシート(PDF) 1 Page - Everlight Electronics Co., Ltd

部品番号 EAST16084BA2
部品情報  Compatible with automatic placement equipment.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST16084BA2 データシート(HTML) 1 Page - Everlight Electronics Co., Ltd

  EAST16084BA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST16084BA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST16084BA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST16084BA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST16084BA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST16084BA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST16084BA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST16084BA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST16084BA2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date Oct
17 .2006. Issue No: 1
www.everlightamericas.com
SMD  B
EAST16084BA2
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version.
․Compliance with EU REACH
․Compliance Halogen Free .(Br <900 ppm ,Cl <900 ppm , Br+Cl < 1500 ppm).
Description
․The SMD LED is much smaller than lead frame type components, thus enable smaller board ize, higher
packing density, reduced storage space and finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for miniature applications. etc.
Applications
․Telecommunication: indicator and backlighting in telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.


同様の部品番号 - EAST16084BA2

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EAST16084BA0 EVERLIGHT-EAST16084BA0 Datasheet
335Kb / 9P
Compatible with automatic placement equipment.
EAST16084BA7 EVERLIGHT-EAST16084BA7 Datasheet
286Kb / 12P
Compatible with automatic placement equipment.
Dec.9.2015
EAST16084BA8 EVERLIGHT-EAST16084BA8 Datasheet
454Kb / 11P
Compatible with automatic placement equipment.
May.27.2017
EAST16084BA9 EVERLIGHT-EAST16084BA9 Datasheet
363Kb / 10P
Compatible with automatic placement equipment.
More results

同様の説明 - EAST16084BA2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
compatible with automatic placement equipment
logo
Everlight Electronics C...
EAPL2121RGBA0 EVERLIGHT-EAPL2121RGBA0 Datasheet
338Kb / 12P
Compatible with automatic placement equipment
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
Compatible with automatic placement equipment.
EAST1616RGYA1 EVERLIGHT-EAST1616RGYA1 Datasheet
462Kb / 11P
Compatible with automatic placement equipment.
EAST1616RGBB2 EVERLIGHT-EAST1616RGBB2 Datasheet
383Kb / 12P
Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com