データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P05-AVMF3TP データシート(PDF) 3 Page - STMicroelectronics

部品番号 M25P05-AVMF3TP
部品情報  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P05-AVMF3TP データシート(HTML) 3 Page - STMicroelectronics

  M25P05-AVMF3TP Datasheet HTML 1Page - STMicroelectronics M25P05-AVMF3TP Datasheet HTML 2Page - STMicroelectronics M25P05-AVMF3TP Datasheet HTML 3Page - STMicroelectronics M25P05-AVMF3TP Datasheet HTML 4Page - STMicroelectronics M25P05-AVMF3TP Datasheet HTML 5Page - STMicroelectronics M25P05-AVMF3TP Datasheet HTML 6Page - STMicroelectronics M25P05-AVMF3TP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
M25PXX
Figure 5. Block Diagram
AI10261
HOLD
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
256 Bytes (Page Size)
X Decoder
Size of the
read-only
memory area
C
D
Q
Status
Register
00000h
Top of Address Space
000FFh



Html Pages

1 2 3 4 5 6 7