| データシートサーチシステム |
|
M25P80VMP6G データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P80VMP6G データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() M25PXX 4/7 Table 3. Instruction Set Table 4. Status Register Format Instruction Description One-byte Instruction Code Address Bytes Dummy Bytes Data Bytes WREN Write Enable 0000 0110 06h 0 0 0 WRDI Write Disable 0000 0100 04h 0 0 0 RDID Read Identification 1001 1111 9Fh 0 0 1 to 3 RDSR Read Status Register 0000 0101 05h 0 0 1 to ∞ WRSR Write Status Register 0000 0001 01h 0 0 1 READ Read Data Bytes 0000 0011 03h 3 0 1 to ∞ FAST_READ Read Data Bytes at Higher Speed 0000 1011 0Bh 3 1 1 to ∞ PP Page Program 0000 0010 02h 3 0 1 to 256 SE Sector Erase 1101 1000 D8h 3 0 0 BE Bulk Erase 1100 0111 C7h 0 0 0 DP Deep Power-down 1011 1001 B9h 0 0 0 RES Release from Deep Power-down, and Read Electronic Signature 1010 1011 ABh 0 3 1 to ∞ Release from Deep Power-down 0 0 0 b7 b0 SRWD 0 0 BP2 BP1 BP0 WEL WIP Status Register Write Protect Block Protect Bits Write Enable Latch Bit Write In Progress Bit |