データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C15432 データシート(PDF) 3 Page - Ledil, Inc.

部品番号 C15432
部品情報  ~90째 wide beam for industrial applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15432 データシート(HTML) 3 Page - Ledil, Inc.

  C15432 Datasheet HTML 1Page - Ledil, Inc. C15432 Datasheet HTML 2Page - Ledil, Inc. C15432 Datasheet HTML 3Page - Ledil, Inc. C15432 Datasheet HTML 4Page - Ledil, Inc. C15432 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRODUCT
DATASHEET
C15432_STRADELLA-16-HB-W
PHOTOMETRIC DATA (MEASURED):
LED
NFSx757G
FWHM
92.0°
Efficiency
94 %
Peak intensity
0.490 cd/lm
Required components:
LED
PrevaLED Brick DC 4x16
FWHM
88.0°
Efficiency
94 %
Peak intensity
0.500 cd/lm
Required components:
LED
Fortimo FastFlex LED 4x16 DHE G4
FWHM
87.0°
Efficiency
94 %
Peak intensity
0.510 cd/lm
Required components:
LED
SunLike 3030
FWHM
90.0°
Efficiency
94 %
Peak intensity
0.480 cd/lm
Required components:
Last update: 25/05/2018
Subject to change without prior notice
3/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com