データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RMS-11F データシート(PDF) 1 Page - Mini-Circuits

部品番号 RMS-11F
部品情報  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMS-11F データシート(HTML) 1 Page - Mini-Circuits

  RMS-11F Datasheet HTML 1Page - Mini-Circuits RMS-11F Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7dBm) 350 to 2000 MHz
Frequency Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
Electrical Specifications
REV. D
M151107
RMS-11F+
160701
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
f
L-fU
X
σ
Max.
Total
Range
Max.
L
M
U
L
M
U
Typ.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
350-2000 DC-400 5.5
.20
7.0
9.2
37
26
36
20
32
20
22
14
29
20
28
20
12
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
RMS-11F+
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
Features
• excellent L-R isolation, 36 dB typ.
• conversion loss, 55 dB typ.
• small size, 0.25”x0.31”x0.2”
Applications
• GSM
• GPS
• PCS
• satellite distribution
1 dB COMP.: +1 dBm typ.
Electrical Schematic
L = 350-750 MHz
M = 750-1000 MHz
U = 1000-2000 MHz
m= 350-1000 MHz
350.00
380.00
4.65
36.37
19.43
2.22
3.48
383.67
413.67
4.63
36.83
19.55
2.12
3.31
417.35
447.35
4.67
38.11
20.39
2.23
3.24
451.02
481.02
4.68
39.27
20.76
2.31
3.21
484.69
514.69
4.61
40.31
21.53
2.49
3.20
552.04
582.04
4.69
40.08
23.23
2.89
3.16
619.39
649.39
4.86
38.80
25.64
3.33
3.17
700.00
730.00
5.08
38.87
28.43
3.73
3.25
720.41
750.41
5.03
39.51
29.35
3.81
3.43
754.08
784.08
5.06
40.27
30.58
3.83
3.34
855.10
885.10
5.48
45.01
42.88
3.50
3.43
1000.00
1030.00
6.00
47.36
33.91
2.12
3.56
1124.49
1154.49
6.85
36.96
29.41
1.26
3.79
1292.86
1262.86
6.99
35.46
29.97
2.50
3.51
1427.55
1397.55
6.54
41.21
27.91
3.59
3.42
1562.24
1532.24
6.52
41.00
27.02
4.61
3.39
1696.94
1666.94
7.61
38.30
26.09
5.43
3.16
1797.96
1767.96
7.75
36.56
25.61
5.81
3.01
1898.98
1868.98
8.07
35.37
25.71
5.65
2.81
2000.00
1970.00
8.43
34.77
26.20
5.59
2.59
A
B
C
D
E
F
.250
.31
.20
.100
.050
.055
6.35
7.87
5.08
2.54
1.27
1.40
G
H
J
K
wt
.040
.070
.270
.050
grams
1.02
1.78
6.86
1.27
0.50
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
CASE STYLE: TT240
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


同様の部品番号 - RMS-11F

メーカー部品番号データシート部品情報
logo
Mini-Circuits
RMS-11X MINI-RMS-11X Datasheet
262Kb / 2P
Frequency Mixer
RMS-11X+ MINI-RMS-11X+ Datasheet
262Kb / 2P
Frequency Mixer
More results

同様の説明 - RMS-11F

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com