| データシートサーチシステム |
|
AT89C51RD2-RDTIM データシート(PDF) 79 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51RD2-RDTIM データシート(HTML) 79 Page - ATMEL Corporation |
|
79 / 137 page ![]() 79 AT89C51RD2/ED2 4235E–8051–04/04 Table 56. IEN1 Register IEN1 - Interrupt Enable Register (B1h) Reset Value = XXXX X000b Bit addressable 76 54 32 1 0 --- -- ESPI - KBD Bit Number Bit Mnemonic Description 7- Reserved 6- Reserved 5- Reserved 4- Reserved 3- Reserved 2ESPI SPI interrupt Enable bit Cleared to disable SPI interrupt. Set to enable SPI interrupt. 1 Reserved 0 KBD Keyboard interrupt Enable bit Cleared to disable keyboard interrupt. Set to enable keyboard interrupt. |