| データシートサーチシステム |
|
AT89C51ED2-RDTIM データシート(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51ED2-RDTIM データシート(HTML) 21 Page - ATMEL Corporation |
|
21 / 137 page ![]() 21 AT89C51RD2/ED2 4235E–8051–04/04 Dual Data Pointer Register (DPTR) The additional data pointer can be used to speed up code execution and reduce code size. The dual DPTR structure is a way by which the chip will specify the address of an exter- nal data memory location. There are two 16-bit DPTR registers that address the external memory, and a single bit called DPS = AUXR1.0 (see Table 18) that allows the program code to switch between them (Refer to Figure 7). Figure 7. Use of Dual Pointer External Data Memory AUXR1(A2H) DPS DPH(83H) DPL(82H) 0 7 DPTR0 DPTR1 |