データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CGS データシート(PDF) 2 Page - Cornell Dubilier Electronics

部品番号 CGS
部品情報  Screw Terminal Mounting Hardware and Accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS データシート(HTML) 2 Page - Cornell Dubilier Electronics

  CGS Datasheet HTML 1Page - Cornell Dubilier Electronics CGS Datasheet HTML 2Page - Cornell Dubilier Electronics CGS Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Screw Terminal Mounting Hardware and Accessories
Clamp Type Bracket
Clamp
Dimensions in Inches
Number
A
B
C
D
125562-01
1.375
2.125
2.500
1.281
125562-05
1.750
2.500
2.875
1.656
125562-02
2.000
2.750
3.125
1.906
125562-04
2.500
3.250
3.625
2.406
125562-03
3.000
3.750
4.125
2.906
125562-06
3.500
4.250
4.625
3.481
Insulated Nuts for Stud Mounting
Metal Plate/
Heat Sink
(Reference only)
Nylon
Hex Nut
For Stud Standoff
Nut
Nut
Hex
Mounting
Nylon Nut
Diameter Diameter Diameter Elevation
Head
Min. Hole Max. Chassis Max. Tightening
Part Number
(mm)
S (mm)
W (mm)
T (mm)
J (mm) Diameter
Thickness
Torque
(mm)
(mm)
in. lbs.
M8S17W25
M8
17
25
15
17
17.5
5
25
M12S22W30
M12
22
30
18
19
22.5
5
75
M12S30W38
M12
30
38
18
19
30.5
5
75
Clamp Dimensions



Html Pages

1 2 3