データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F15559 データシート(PDF) 5 Page - Ledil, Inc.

部品番号 F15559
部品情報  ~25째 wide beam. Compatible with LEDiL HEKLA.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15559 データシート(HTML) 5 Page - Ledil, Inc.

  F15559 Datasheet HTML 1Page - Ledil, Inc. F15559 Datasheet HTML 2Page - Ledil, Inc. F15559 Datasheet HTML 3Page - Ledil, Inc. F15559 Datasheet HTML 4Page - Ledil, Inc. F15559 Datasheet HTML 5Page - Ledil, Inc. F15559 Datasheet HTML 6Page - Ledil, Inc. F15559 Datasheet HTML 7Page - Ledil, Inc. F15559 Datasheet HTML 8Page - Ledil, Inc. F15559 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRODUCT
DATASHEET
F15559_MIRELLA-G2-M
PHOTOMETRIC DATA (MEASURED):
LED
CXA/B 13xx
FWHM
19.0°
Efficiency
91 %
Peak intensity
4.100 cd/lm
Required components:
F15956_HEKLA-SOCKET-J
C13333_MIRELLA-CL
LED
CXA/B 15xx
FWHM
25.0°
Efficiency
91 %
Peak intensity
2.900 cd/lm
Required components:
F15256_HEKLA-SOCKET-D
LED
LUXEON CoB 1202/1203
FWHM
27.0°
Efficiency
89 %
Peak intensity
2.500 cd/lm
Required components:
F15858_HEKLA-SOCKET-H
C12479_MIRELLA-DL
LED
CXM-9
FWHM
29.0°
Efficiency
87 %
Peak intensity
2.100 cd/lm
Required components:
F15255_HEKLA-SOCKET-C
Last update: 25/05/2018
Subject to change without prior notice
5/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com