データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS-Z-R000035 データシート(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

部品番号 BAS-Z-R000035
部品情報  PRECISION RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
ホームページ  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BAS-Z-R000035 データシート(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BAS-Z-R000035 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BAS-Z-R000035 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BAS-Z-R000035 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 /3
ISA-WELD® // PRECISION RESISTORS
BAS // SIZE 8420 (METRIC)
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 08-February-2018 // Current valid issue: see www.isabellenhuette.de
Mechanical dimensions [mm] // Z-YJ-328
Connection diagram
Ordering code example
BAS - M - R0001 - A E - 5.0
Tolerance
Version // E=standard, EU=standard untinned
Automotive version
Resistance value [Ohm] / „R“ represents decimal point
Material (MANGANIN®)
Type
Type
Value [mΩ]
Rthi [K/W]
TC [ppm/K]
P110°C
[W]
BAS-Z-R000035
0.035
1.0
100
30
BAS-M-R00005
0.05
1.5
100
20
BAS-M-R0001
0.1
2.0
50
15
BAS-M-R0002
0.2
3.0
50
10
BAS-M-R0005
0.5
7.0
50
4
Abbrevation type: M=MANGANIN®, Z=ZERANIN®30
Further versions on request



Html Pages

1 2 3