データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BVT-I-R003 データシート(PDF) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

部品番号 BVT-I-R003
部品情報  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
ホームページ  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVT-I-R003 データシート(HTML) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVT-I-R003 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVT-I-R003 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVT-I-R003 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVT-I-R003 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 21-February-2018
4 /4
ISA-WELD® // PRECISION RESISTORS
BVT (2512)
0,0001
0,001
0,01
0,1
1
10
100
0,01
0,1
1
10
100
1000
10000
0,001
0,01
0,1
1
10
100
Pulse width [s]
Pulse width [s]
Pulse width [s]
Pulse width [s]
BVT
BVT
BVT
BVT
Maximum pulse energy/pulse power for continuous operation
Maximum pulse energy/pulse power for continuous operation
Maximum pulse energy/pulse power for continuous operation
Maximum pulse energy/pulse power for continuous operation
Material type I=ISAOHM®, K=SF-copper tinned, M=MANGANIN®, Z=ZERANIN®30, V=NOVENTIN®
Maximum pulse energy respectively pulse power for permanent operation
This curve is valid for the resistance value BVT-Z-R0003 only.
This curve is valid for the resistance value R0068 only.
Pulse width [sec]
1000
10000
Type
Value [mΩ]
Thickness [mm] Rthi [K/W]
TC [ppm/K]
P100°C
P70°C
D1
D2
[W]
[W]
BVT-K-R000
0
0.42
0.42
Imax = 100 A
BVT-Z-R0003
0.3
1.00
1.00
4
<175
4
6
BVT-M-R0005
0.5
0.85
0.84
7
<115
4
6
BVT-M-R001
1.0
0.42
0.42
14
<100
4
6
BVT-V-R002
2.0
0.46
0.64
20
<50
3.5
5
BVT-I-R002
2.0
0.72
0.64
16
<50
4
6
BVT-I-R003
3.0
0.48
0.42
24
<50
3
4
BVT-I-R004
4.0
0.36
0.42
32
<50
2
3
BVT-I-R005
5.0
0.36
0.42
40
<50
1.5
2.5
BVT-I-R0068
6.8
0.36
0.42
60
<50
1.5
2
Disclaimer // All products, product specifications and data are subject to change without notice. The product specifications do not expand or otherwise modify
Isabellenhütte’s terms and conditions of sale, including but not limited to, the warranty expressed therein. Isabellenhütte makes no warranty, representation or
guarantee other than as set forth in its terms and conditions of sale. Information provided in datasheets and/or specifications may vary from actual results in dif-
ferent applications. Any statements made by Isabellenhütte regarding the suitability of products for certain types of applications are based on its knowledge of
typical requirements that are often placed on its products. It is the customer’s responsibility to validate that a particular product with the properties described in
the product specification is suitable for use in the application intended. No license, express or implied, or otherwise, to any intellectual property rights is granted
by this document. Any and all liability arising out of the application or use of any product shall be as set forth in Isabellenhütte’s terms and conditions of sale.



Html Pages

1 2 3 4