| データシートサーチシステム |
|
HT1660 データシート(PDF) 13 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1660 データシート(HTML) 13 Page - Holtek Semiconductor Inc |
|
13 / 18 page ![]() Timing Diagrams READ Mode (Command ID Code:110) WRITE Mode (Command ID Code:101) HT1660 Rev. 1.00 13 September 16, 2003 R D D B 3 C S D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 A 7 A 3 D 3 D B 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 1 A 6 A 2 D 2 D B 1 D B 0 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 1 A 5 A 1 D 1 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 0 A 4 A 0 D 0 ( S i n g l e a d d r e s s r e a d i n g ) ( S u c c e s s i v e a d d r e s s r e a d i n g ) W R X X X A 8 A 9 A 7 A 3 X X A 6 A 2 1 X A 5 A 1 1 A 9 A 4 A 0 0 A 8 R D D B 3 C S D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 A 7 A 3 D 3 D B 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 1 A 6 A 2 D 2 D B 1 D B 0 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 1 A 5 A 1 D 1 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 0 A 4 A 0 D 0 ( S i n g l e a d d r e s s r e a d i n g ) ( S u c c e s s i v e a d d r e s s r e a d i n g ) W R X X X A 8 A 9 A 7 A 3 X X A 6 A 2 1 X A 5 A 1 1 A 9 A 4 A 0 0 A 8 |