| データシートサーチシステム |
|
A3GA-99C2-R データシート(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A3GA-99C2-R データシート(HTML) 15 Page - Omron Electronics LLC |
|
15 / 18 page ![]() A3G A3G 15 s LEGEND PLATES s SCREW FITTING A3G-3004 Note: The plate is 0.6 mm thick and made of polycarbonate resin (IP40) or polyacrylate (IP65). s PANEL PLUG Select the plug that fits the panel design and mount from the front of the panel. Panel cutouts are the same as those for switches. |