データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MQF700 データシート(PDF) 2 Page - Arch Electronics Corp.

部品番号 MQF700
部品情報  AC-DC Medical Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARCH [Arch Electronics Corp.]
ホームページ  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MQF700 データシート(HTML) 2 Page - Arch Electronics Corp.

  MQF700 Datasheet HTML 1Page - Arch Electronics Corp. MQF700 Datasheet HTML 2Page - Arch Electronics Corp. MQF700 Datasheet HTML 3Page - Arch Electronics Corp. MQF700 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : A_0
update : 2018.06.01
AC-DC Medical Switching Power Supply
MQF700 SERIES
700 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
MQF700-12S
MQF700-15S
MQF700-24S
MQF700-28S
MQF700-48S
Environment
Operating Temperature
-30°C…+70°C (with derating)
Storage Temperature
-35°C…+85°C
Temperature Coefficient
±0.03%/°C ( 0~50°C )
±0.06%/°C ( -30~0°C )
Altitude During Operation
5000m
Humidity
95% RH
Atmospheric Pressure
56 kPa to 106 kPa
MTBF
>100,000 h @ 25°C (MIL-HDBK-217F)
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Physical
Dimension (L x W x H)
6.7 x 3.66 x 1.61 Inches
( 170.2 x 93.0 x 41.0 mm ) Tolerance
0.5 mm
Weight
In Progress
Safety
Meet
UL / IEC / EN 60601 3.1
rd Edition (In Progress)
EMC
Conducted and Radiated EMI
EN55032 / EN55011 (conducted class B, Radiated Class A)
(In Progress)
EMS
EN55024 / EN60601-1-2 4th edition (In Progress)
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth by using a 6” twisted pair-wire terminated with a 0.1uF & 47uF
parallel capacitor.
2. Hold-up Time measured at 90% Vout.
3. Strongly recommend to conduct this test with DC Voltage. If customer wishes to test with AC Voltage,
please disconnect all Y-Capacitors within Arch power supply.
DERATING



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com