| データシートサーチシステム |
|
ML670100 データシート(PDF) 2 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML670100 データシート(HTML) 2 Page - OKI electronic componets |
|
2 / 27 page ![]() Semiconductor ML670100 / 27 2 BLOCK DIAGRAM Asterisks indicate signals that aresecondary functions of I/O ports. Brackets indicate bit ranges. ARM7TDMI 4 kilobytes of RAM 128 kilobytes of ROM Time Base Generator (TBG) Flexible Timer Asynchronous Serial Interface (ASI) Clock Synchronous Interface (CSI0 and CSI1) Interrupt Controller (INT) Analog-to-digital Converter (ADC) Internal Bus Controller External Memory Controller (XMC) I/O Ports TDI* TDO* nTRST* TMS* TCK* DBGEN* DBGRQ* DBGACK* XA23-16* XA15-1 nLB/XA0 XD15-8* XD7-0 nCS0 nRD nWRE/nWRL nXWAIT* nCS1* nHB/nWRH* nRAS1* nWH/nCASH* nRAS0* nCAS/nCASL* nWL/nWE* nBREQ* nBACK* nRST nEA DBSEL TEST VDD GND AVDD AGND TMIN/TMOUT[5:0]* TMCLK[1:0]* ASI_TXD* ASI_RXD* CSI1_TXD* CSI1_RXD* CSI1_SCLK* CSI0_TXD* CSI0_RXD* CSI0_SCLK* nEFIQ nEIR[7:0]* VREF AI[7:0] Clock Control OSC0 OSC1 CLKOUT FSEL PLLEN VCOM Core data bus (32b) Core address bus |