| データシートサーチシステム |
|
SGM810-RXN3L/TR データシート(PDF) 12 Page - SG Micro Corp |
|
|
|||||||||||||||||||||||||||||
SGM810-RXN3L/TR データシート(HTML) 12 Page - SG Micro Corp |
|
12 / 13 page ![]() PACKAGE INFORMATION TX10000.000 SG Micro Corp www.sg-micro.com TAPE AND REEL INFORMATION NOTE: The picture is only for reference. Please make the object as the standard. KEY PARAMETER LIST OF TAPE AND REEL Package Type Reel Diameter Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P0 (mm) P1 (mm) P2 (mm) W (mm) Pin1 Quadrant SOT-23 7″ 9.5 3.15 2.77 1.22 4.0 4.0 2.0 8.0 Q3 SOT-23-3 7″ 9.0 3.20 3.30 1.30 4.0 4.0 2.0 8.0 Q3 Reel Width (W1) Reel Diameter REEL DIMENSIONS TAPE DIMENSIONS DIRECTION OF FEED P2 P0 W P1 A0 K0 B0 Q1 Q2 Q4 Q3 Q3 Q4 Q2 Q1 Q3 Q4 Q2 Q1 |