| データシートサーチシステム |
|
X9268 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X9268 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 22 page ![]() X9268 FN8172 Rev.4.00 Page 13 of 22 August 29, 2006 INSTRUCTION FORMAT Read Wiper Counter Register (WCR) Write Wiper Counter Register (WCR) Read Data Register (DR) Write Data Register (DR) Global XFR Data Register (DR) to Wiper Counter Register (WCR) S T A R T Device Type Identifier Device Addresses S A C K Instruction Opcode DR/WCR Addresses S A C K Wiper Position (Sent by X9268 on SDA) M A C K S T O P 0101 A3 A2 A1 A0 1 0 0 1 0 0 0 P0 W C R 7 W C R 6 W C R 5 W C R 4 W C R 3 W C R 2 W C R 1 W C R 0 S T A R T Device Type Identifier Device Addresses S A C K Instruction Opcode DR/WCR Addresses S A C K Wiper Position (Sent by Master on SDA) S A C K S T O P 0101 A3 A2 A1 A0 1 0 1 0 0 0 0 P0 W C R 7 W C R 6 W C R 5 W C R 4 W C R 3 W C R 2 W C R 1 W C R 0 S T A R T Device Type Identifier Device Addresses S A C K Instruction Opcode DR/WCR Addresses S A C K Wiper Position (Sent by X9268 on SDA) M A C K S T O P 0 1 0 1 A3 A2 A1 A0 1011 RB RA 0 P0 W C R 7 W C R 6 W C R 5 W C R 4 W C R 3 W C R 2 W C R 1 W C R 0 S T A R T Device Type Identifier Device Addresses S A C K Instruction Opcode DR/WCR Addresses S A C K Wiper Position (Sent by Master on SDA) S A C K S T O P 0101 A3 A2 A1 A0 1100 RB RA 0 P0 W C R 7 W C R 6 W C R 5 W C R 4 W C R 3 W C R 2 W C R 1 W C R 0 S T A R T Device Type Identifier Device Addresses S A C K Instruction Opcode DR/WCR Addresses S A C K S T O P 0 1 0 1 A3 A2 A1 A0 0 0 0 1 RB RA 0 0 |