| データシートサーチシステム |
|
PDM41256 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PDM41256 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 8 page ![]() PDM41256 3-34 Rev. 2.0 - 7/17/96 Truth Table NOTE: 1. H = VIH, L = VIL, X = DON’T CARE Absolute Maximum Ratings (1) NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maxi- mum rating conditions for extended periods may affect reliability. Recommended DC Operating Conditions OE WE CE I/O MODE X X H Hi-Z Standby L H L DOUT Read X L L DIN Write H H L Hi-Z Output Disable Symbol Rating Com’l. Ind. Unit VTERM Terminal Voltage with Respect to Vss –0.5 to +7.0 –0.5 to +7.0 V TBIAS Temperature Under Bias –55 to +125 –65 to +135 °C TSTG Storage Temperature –55 to +125 –65 to +150 °C PT Power Dissipation 1.0 1.0 W IOUT DC Output Current 50 50 mA Symbol Parameter Min. Typ. Max. Unit VCC Supply Voltage 4.5 5.0 5.5 V VSS Supply Voltage 0 0 0 V Commercial Ambient Temperature 0 25 70 °C Industrial Ambient Temperature –40 25 85 °C Pin Configurations TSOP SOJ Pin Description Name Description A14-A0 Address Inputs I/O7-I/O0 Data Inputs/Outputs OE Output Enable Input WE Write Enable Input CE Chip Enable Input VCC Power (+5V) VSS Ground |