データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOB20C60PL データシート(PDF) 2 Page - Alpha & Omega Semiconductors

部品番号 AOB20C60PL
部品情報  600V,20A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB20C60PL データシート(HTML) 2 Page - Alpha & Omega Semiconductors

  AOB20C60PL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB20C60PL Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Min
Typ
Max
Units
600
700
BVDSS
/∆TJ
0.54
V/
oC
1
10
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
3
3.8
5
V
RDS(ON)
0.225
0.26
gFS
20
S
VSD
0.7
1
V
IS
20
A
ISM
80
A
Ciss
3607
pF
Coss
140
pF
Co(er)
95
pF
Co(tr)
182
pF
Crss
3.3
pF
Rg
2
Qg
52
80
nC
Qgs
20
nC
µA
VDS=480V, TJ=125°C
Maximum Body-Diode Pulsed Current
C
Effective output capacitance, energy
related
H
Effective output capacitance, time
related
I
VGS=0V, VDS=100V, f=1MHz
VGS=0V, VDS=0 to 480V, f=1MHz
VDS=0V, VGS=±30V
Gate-Body leakage current
VGS=10V, VDS=480V, ID=20A
Total Gate Charge
Gate Source Charge
SWITCHING PARAMETERS
ID=250µA, VGS=0V, TJ=150°C
Breakdown Voltage Temperature
Coefficient
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=600V, VGS=0V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Gate resistance
f=1MHz
Static Drain-Source On-Resistance
BVDSS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
V
Reverse Transfer Capacitance
VDS=5V, ID=250µA
Output Capacitance
Forward Transconductance
IS=1A,VGS=0V
VDS=40V, ID=10A
VGS=10V, ID=10A
VGS=0V, VDS=100V, f=1MHz
Maximum Body-Diode Continuous Current
Input Capacitance
Diode Forward Voltage
DYNAMIC PARAMETERS
gs
Qgd
14
nC
tD(on)
77
ns
tr
67
ns
tD(off)
120
ns
tf
43
ns
trr
599
ns
Qrr
11
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Gate Drain Charge
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A,dI/dt=100A/µs,VDS=100V
Turn-Off DelayTime
Turn-Off Fall Time
VGS=10V, VDS=300V, ID=20A,
RG=25Ω
IF=20A,dI/dt=100A/µs,VDS=100V
Turn-On Rise Time
Turn-On DelayTime
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. L=60mH, I
AS=7.3A, VDD=150V, RG=25Ω, Starting TJ=25°C.
H. C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS.
I. C
o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS.
Rev.2.0: January 2015
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com