データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

12F508 データシート(PDF) 12 Page - Microchip Technology

部品番号 12F508
部品情報  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F508 データシート(HTML) 12 Page - Microchip Technology

Back Button 12F508 Datasheet HTML 8Page - Microchip Technology 12F508 Datasheet HTML 9Page - Microchip Technology 12F508 Datasheet HTML 10Page - Microchip Technology 12F508 Datasheet HTML 11Page - Microchip Technology 12F508 Datasheet HTML 12Page - Microchip Technology 12F508 Datasheet HTML 13Page - Microchip Technology 12F508 Datasheet HTML 14Page - Microchip Technology 12F508 Datasheet HTML 15Page - Microchip Technology 12F508 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
PIC12F508/509/16F505
DS41236A-page 10
Preliminary
 2004 Microchip Technology Inc.
FIGURE 3-1:
PIC12F508/509 BLOCK DIAGRAM
Device Reset
Timer
Power-on
Reset
Watchdog
Timer
Flash
Program
Memory
12
Data Bus
8
12
Program
Bus
Instruction reg
Program Counter
RAM
File
Registers
Direct Addr
5
RAM Addr
9
Addr MUX
Indirect
Addr
FSR reg
Status reg
MUX
ALU
W reg
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2
MCLR
VDD, VSS
Timer0
GPIO
8
8
GP4/OSC2
GP3/MCLR/VPP
GP2/T0CKI
GP1/ISCPCLK
GP0/ISCPDAT
5-7
3
GP5/OSC1/CLKIN
Stack 1
Stack 2
512 x 12 or
25 x 8 or
1024 x 12
41 x 8
Internal RC
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98